Part Number Hot Search : 
MX25L1 1N5920B 01102 MMST2222 1241FBLC LT1120I A02010 IRF4905S
Product Description
Full Text Search
 

To Download 1N4006S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S
1.0 AMP SILICON RECTIFIERS
THRU
1N4007S
VOLTAGE RANGE
50 to 1000 Volts
CURRENT FEATURES
* Low forward voltage drop * Low leakage current * High reliability * High current capability
1.0 Ampere
A-405
.107(2.7) .080(2.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.22 grams
.205(5.2) .166(4.2)
.025(.6) .021(.5) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=75 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance RJA (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S UNITS
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.0 5.0 50 15 50 -65 +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A pF C/W C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
110
RATING AND CHARACTERISTIC CURVES (1N4001S THRU 1N4007S)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
50
INSTANTANEOUS FORWARD CURRENT,(A)
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)
0.1
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.01
.6
.7
.8
.9
1.0
1.1
1.2
1.3
FORWARD VOLTAGE,(V)
24
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
10
REVERSE LEAKAGE CURRENT, ( A)
Tj=100 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
35 30 25 20 15 10 5 0
1.0
.1
Tj=25 C
.01 0
JUNCTION CAPACITANCE,(pF)
20
40
60
80
100 120 140
.01
.05
.1
.5
1
5
10
50
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
REVERSE VOLTAGE,(V)
111
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4006S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X